PART |
Description |
Maker |
SQ2113 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S62VP |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S62FP |
CMOS Positive Voltage Regula tor
|
SeCoS
|
LM317 |
TO-252-2L Plastic-Encapsulate Voltage Regula tors
|
Jiangsu High diode Semi...
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
AN78L06M |
3-pin positive output voltage regulator (100 mA type) 6 V FIXED POSITIVE REGULATOR, PSSO3
|
Panasonic, Corp.
|
MC78T05ABT MC78T15ACT MC78T05CD2TR4 MC78T00 MC78T1 |
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 5 V FIXED POSITIVE REGULATOR, PSSO2 Replaced by PTH05030W,PTH05T210W : 1.3 TO 3.5VOUT 32AMP 5V-INPUT 'SLEDGE HAMMER' PROGRAMMABLE ISR 27-SIP MODULE MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-22 INSERT ARRANGEMENT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semiconductor
|
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
MC78L00A-D |
100 mA Positive Voltage Regulators
|
ON Semiconductor
|
LM317LBZG NCV317LBZG LM317LZG LM317LZREG LM317LZRM |
100 mA Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 100 mA, Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 100 mA Adjustable Output, Positive Voltage Regulator
|
ON Semiconductor
|
78M05 |
TO-252-2L Plastic-Encapsulate Voltage Regula tors
|
Jiangsu High diode Semi...
|